Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF063 Datasheet(PDF) 8 Page - TOCOSAMERICA, INC.

Part # GF063
Description  1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF063 Datasheet(HTML) 8 Page - TOCOSAMERICA, INC.

Back Button GF063 Datasheet HTML 4Page - TOCOSAMERICA, INC. GF063 Datasheet HTML 5Page - TOCOSAMERICA, INC. GF063 Datasheet HTML 6Page - TOCOSAMERICA, INC. GF063 Datasheet HTML 7Page - TOCOSAMERICA, INC. GF063 Datasheet HTML 8Page - TOCOSAMERICA, INC. GF063 Datasheet HTML 9Page - TOCOSAMERICA, INC. GF063 Datasheet HTML 10Page - TOCOSAMERICA, INC. GF063 Datasheet HTML 11Page - TOCOSAMERICA, INC. GF063 Datasheet HTML 12Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
63
Part Numbers
GF063 Series
GF063P Through-Hole, P Terminal Style, Cross-Slot, Top Adjust
GF063PT B 100 K
GF063PT B 200 K
GF063PT B 500 K
GF063PT B 101 K
GF063PT B 201 K
GF063PT B 501 K
GF063PT B 102 K
GF063PT B 202 K
GF063PT B 502 K
GF063PT B 103 K
GF063PT B 203 K
GF063PT B 503 K
GF063PT B 104 K
GF063PT B 204 K
GF063PT B 504 K
GF063PT B 105 K
GF063PT B 205 K
GF063PT B 505 K
GF063PT2 B 100 K
GF063PT2 B 200 K
GF063PT2 B 500 K
GF063PT2 B 101 K
GF063PT2 B 201 K
GF063PT2 B 501 K
GF063PT2 B 102 K
GF063PT2 B 202 K
GF063PT2 B 502 K
GF063PT2 B 103 K
GF063PT2 B 203 K
GF063PT2 B 503 K
GF063PT2 B 104 K
GF063PT2 B 204 K
GF063PT2 B 504 K
GF063PT2 B 105 K
GF063PT2 B 205 K
GF063PT2 B 505 K
GF063P B 100 K
GF063P B 200 K
GF063P B 500 K
GF063P B 101 K
GF063P B 201 K
GF063P B 501 K
GF063P B 102 K
GF063P B 202 K
GF063P B 502 K
GF063P B 103 K
GF063P B 203 K
GF063P B 503 K
GF063P B 104 K
GF063P B 204 K
GF063P B 504 K
GF063P B 105 K
GF063P B 205 K
GF063P B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063P1 Through-Hole, P1 Terminal Style, Cross-Slot, Top Adjust
GF063P1T B 100 K
GF063P1T B 200 K
GF063P1T B 500 K
GF063P1T B 101 K
GF063P1T B 201 K
GF063P1T B 501 K
GF063P1T B 102 K
GF063P1T B 202 K
GF063P1T B 502 K
GF063P1T B 103 K
GF063P1T B 203 K
GF063P1T B 503 K
GF063P1T B 104 K
GF063P1T B 204 K
GF063P1T B 504 K
GF063P1T B 105 K
GF063P1T B 205 K
GF063P1T B 505 K
GF063P1T2 B 100 K
GF063P1T2 B 200 K
GF063P1T2 B 500 K
GF063P1T2 B 101 K
GF063P1T2 B 201 K
GF063P1T2 B 501 K
GF063P1T2 B 102 K
GF063P1T2 B 202 K
GF063P1T2 B 502 K
GF063P1T2 B 103 K
GF063P1T2 B 203 K
GF063P1T2 B 503 K
GF063P1T2 B 104 K
GF063P1T2 B 204 K
GF063P1T2 B 504 K
GF063P1T2 B 105 K
GF063P1T2 B 205 K
GF063P1T2 B 505 K
GF063P1 B 100 K
GF063P1 B 200 K
GF063P1 B 500 K
GF063P1 B 101 K
GF063P1 B 201 K
GF063P1 B 501 K
GF063P1 B 102 K
GF063P1 B 202 K
GF063P1 B 502 K
GF063P1 B 103 K
GF063P1 B 203 K
GF063P1 B 503 K
GF063P1 B 104 K
GF063P1 B 204 K
GF063P1 B 504 K
GF063P1 B 105 K
GF063P1 B 205 K
GF063P1 B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance: K =
10% (see footnote for M =
20% )
Value (
Ω)
Code
*Catalog No.*
Tape & Reel
*Catalog No.*
Bulk
*Catalog No.*
Tape & Ammo Box
* Substitute code letter M in place of K at end of catalog part number for
20% resistance tolerance.
GF063P2 Through-Hole, P2 Terminal Style, Cross-Slot, Top Adjust
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
GF063P2 B 100 K
GF063P2 B 200 K
GF063P2 B 500 K
GF063P2 B 101 K
GF063P2 B 201 K
GF063P2 B 501 K
GF063P2 B 102 K
GF063P2 B 202 K
GF063P2 B 502 K
GF063P2 B 103 K
GF063P2 B 203 K
GF063P2 B 503 K
GF063P2 B 104 K
GF063P2 B 204 K
GF063P2 B 504 K
GF063P2 B 105 K
GF063P2 B 205 K
GF063P2 B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063P
GF063P1
GF063P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com