Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF281 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # GF281
Description  28mm Diameter, Single-Turn, Cermet Industrial Panel Controls
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF281 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  GF281 Datasheet HTML 1Page - TOCOSAMERICA, INC. GF281 Datasheet HTML 2Page - TOCOSAMERICA, INC. GF281 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
81
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 100
Ω to 1MΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Peak Noise (C.R.V.) . . . . . . . 3% or 5
Ω, whichever is greater
Power Rating . . . . . . . . 2 watts at
70 C, 0 watt at
120 C
Maximum Input Voltage . . . . . . . . 400VDC or power rating,
whichever is smaller
Temperature Coefficient . . .
100 ppm / C, 200
Ω to 500kΩ
250 ppm / C, other values
Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 295
10
Shaft Torque
Single Unit . . . . . . 50 to 300 gf • cm (0.693 to 4.159 oz • in)
Tandem Unit . . . . . 50 to 450 gf • cm (0.693 to 6.238 oz • in)
Stop Strength . . . . . . . . . . . 9.2 kgf • cm (127.54 oz • in) max.
Mounting Nut Torque . . . . . . 15 kgf • cm (207.94 oz • in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds
Marking . . . . . . . . . . . . . . . . . . Model type, taper, resistance,
shaft type, terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
10 Cto
120 C
Low Temperature Operation . . . . . . . . .
10 C, 45 minutes
with rated load
∆T/R ) 3%
Load Life . . . . . . . . . . . .
70 C, 1,000 hours with rated load
∆T/R ) 5%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
3 directions, 2 hours each
∆T/R ) 1%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock
models only) without load
∆T/R ) 10%
∆T/R = Total Resistance Change
GF281 Series
28mm Diameter, Single-Turn, Cermet Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
28mm diameter, single-turn industrial panel controls
Cermet film element
Single and tandem units, single shaft
Excellent environmental characteristics
Linear taper
Shaft lock available
Metal shaft and bushing
6mm diameter shafts in slot, flat or round end styles
Standard 15mm or 20mm shaft length
Panel mount only
Right angle ear-lug terminals
Optional 6-turn GFV281 model available as special order
GF281G
GF281


Similar Part No. - GF281

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
GF200 LEDTRONICS-GF200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
GF200-0AG-006B LEDTRONICS-GF200-0AG-006B Datasheet
4Mb / 28P
Miniature Based LED Lamps
GF200-0AG-014B LEDTRONICS-GF200-0AG-014B Datasheet
4Mb / 28P
Miniature Based LED Lamps
GF200-0AG-024B LEDTRONICS-GF200-0AG-024B Datasheet
4Mb / 28P
Miniature Based LED Lamps
GF200-0AG-028B LEDTRONICS-GF200-0AG-028B Datasheet
4Mb / 28P
Miniature Based LED Lamps
More results

Similar Description - GF281

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF16 TOCOS-GF16 Datasheet
585Kb / 4P
16mm Diameter, Single-Turn, Cermet Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com