Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJC26 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # RJC26
Description  1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC26 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  RJC26 Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC26 Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC26 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
106
Part Numbers
RJC26W Through-Hole, W Terminal Style, Single-Slot, Top Adjust
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
RJC26W B 101 K
RJC26W B 201 K
RJC26W B 501 K
RJC26W B 102 K
RJC26W B 202 K
RJC26W B 502 K
RJC26W B 103 K
RJC26W B 203 K
RJC26W B 503 K
RJC26W B 104 K
RJC26W B 204 K
RJC26W B 504 K
RJC26W B 105 K
RJC26W B 205 K
RJC26W B 101 M
RJC26W B 201 M
RJC26W B 501 M
RJC26W B 102 M
RJC26W B 202 M
RJC26W B 502 M
RJC26W B 103 M
RJC26W B 203 M
RJC26W B 503 M
RJC26W B 104 M
RJC26W B 204 M
RJC26W B 504 M
RJC26W B 105 M
RJC26W B 205 M
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
3,000,000
5,000,000
101
201
501
102
202
502
103
203
503
104
204
504
105
205
305
505
RJC26X Through-Hole, X Terminal Style, Single-Slot, Side Adjust
RJC26X B 101 K
RJC26X B 201 K
RJC26X B 501 K
RJC26X B 102 K
RJC26X B 202 K
RJC26X B 502 K
RJC26X B 103 K
RJC26X B 203 K
RJC26X B 503 K
RJC26X B 104 K
RJC26X B 204 K
RJC26X B 504 K
RJC26X B 105 K
RJC26X B 205 K
RJC26X B 101 M
RJC26X B 201 M
RJC26X B 501 M
RJC26X B 102 M
RJC26X B 202 M
RJC26X B 502 M
RJC26X B 103 M
RJC26X B 203 M
RJC26X B 503 M
RJC26X B 104 M
RJC26X B 204 M
RJC26X B 504 M
RJC26X B 105 M
RJC26X B 205 M
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
3,000,000
5,000,000
101
201
501
102
202
502
103
203
503
104
204
504
105
205
305
505
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
50 pieces per vinyl bag.
500 pieces per box.
Part Numbering System
RJC26
X
102
K
B
Resistance Tolerance: K =
10%; M =
20%; Blank =
30%, 20%
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Terminal Style: W = 3-Lead Configuration, Top Adjust.
X = 3-Lead Configuration, Side Adjust.
TOCOS Series Name.
RJC26 Series
RJC26X B 305 ( 30%, 20% resistance tolerance)
RJC26X B 505 ( 30%, 20% resistance tolerance)
RJC26W B 305 ( 30%, 20% resistance tolerance)
RJC26W B 505 ( 30%, 20% resistance tolerance)
RJC26W
RJC26X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com