Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJC07RK2B101K Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # RJC07RK2B101K
Description  3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC07RK2B101K Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  RJC07RK2B101K Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC07RK2B101K Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC07RK2B101K Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
113
Part Numbering System
RJC07R Series
RJC07R
K2
102
K
B
Resistance Tolerance: K =
10%; M =
20%
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Adjustment Knob: K 2 = Permanent Large Knob, Extended Shaft.
Blank = No Knob, Single-Slot, Short Shaft.
TOCOS Series Name.
Part Numbers
RJC07R Through-Hole, Single-Slot, Short Shaft, Top Adjust
RJC07RK2 Through-Hole, Extended Shaft, Permanent Knob, Top Adjust
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
RJC07RK2 B 100 K
RJC07RK2 B 200 K
RJC07RK2 B 500 K
RJC07RK2 B 101 K
RJC07RK2 B 201 K
RJC07RK2 B 501 K
RJC07RK2 B 102 K
RJC07RK2 B 202 K
RJC07RK2 B 502 K
RJC07RK2 B 103 K
RJC07RK2 B 203 K
RJC07RK2 B 503 K
RJC07RK2 B 104 K
RJC07RK2 B 204 K
RJC07RK2 B 504 K
RJC07RK2 B 105 K
RJC07RK2 B 100 M
RJC07RK2 B 200 M
RJC07RK2 B 500 M
RJC07RK2 B 101 M
RJC07RK2 B 201 M
RJC07RK2 B 501 M
RJC07RK2 B 102 M
RJC07RK2 B 202 M
RJC07RK2 B 502 M
RJC07RK2 B 103 M
RJC07RK2 B 203 M
RJC07RK2 B 503 M
RJC07RK2 B 104 M
RJC07RK2 B 204 M
RJC07RK2 B 504 M
RJC07RK2 B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC07R B 100 K
RJC07R B 200 K
RJC07R B 500 K
RJC07R B 101 K
RJC07R B 201 K
RJC07R B 501 K
RJC07R B 102 K
RJC07R B 202 K
RJC07R B 502 K
RJC07R B 103 K
RJC07R B 203 K
RJC07R B 503 K
RJC07R B 104 K
RJC07R B 204 K
RJC07R B 504 K
RJC07R B 105 K
RJC07R B 100 M
RJC07R B 200 M
RJC07R B 500 M
RJC07R B 101 M
RJC07R B 201 M
RJC07R B 501 M
RJC07R B 102 M
RJC07R B 202 M
RJC07R B 502 M
RJC07R B 103 M
RJC07R B 203 M
RJC07R B 503 M
RJC07R B 104 M
RJC07R B 204 M
RJC07R B 504 M
RJC07R B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
RJC07R: 20 pieces per vinyl bag; 200 pieces per box.
RJC07RK2: 50 pieces per vinyl bag; 200 pieces per box.
RJC07R
RJC07RK2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com