Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC24 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RSC24
Description  NON-CONTACT ANGLE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RSC24 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RSC24 Datasheet HTML 1Page - TOCOSAMERICA, INC. RSC24 Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSC24
NON-CONTACT ANGLE SENSOR
The RSC24 Non-Contact Angle Sensor is a low cost,
high performance inductance method sensor.
The non-contact, no-friction design results in long life
and quiet operation. The one-piece housing provides
durability plus protection against dust and humidity.
Applications:
Angle sensor for automotive
applications.
Joystick controls for gaming
industry.
Electronic musical instruments.
Position sensor for robotics,
building construction equipment
and HVAC.
Valve position sensor.
Any application where angle
detection is needed and which
requires a long life, highly durable
sensor.
TOCOS®
Long Life
Quiet Operation
Durable
Economical
Rotation of the non-contacting
rotor (conductor) over the
magnetized coil causes impedance
values to change in the coil.
Impedance changes are converted
by the sensor’s IC to a signal
proportional to the angle of
rotation and output as rotational
angle data.
A magnetic field
is generated when
AC is applied to
the coil.
IC Board
One-piece, durable housing
protects internal elements
from invasion of dust and
humidity.
3 pin connector
and cable
RSC24 Features:
Non-contact design provides long
rotational life and quiet operation
Shaft rotation angle up to 160
High linearity, minimal hysteresis
Operating temperature: 25 to 85 C
Fully RoHS compliant
TOCOS America, Inc. 1177 E. Tower Rd, Schaumburg, IL 60173 • Tel: 847- 884 - 6664 • Fax: 847- 884 - 6665 • sales@tocos.com • www.tocos.com


Similar Part No. - RSC24

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RSC201 AXIOMTEK-RSC201 Datasheet
477Kb / 2P
Fanless Edge AI Computer Vision System with AMD Kria™ K26 SOM, GbE LAN, COM, USB 3.2, and DisplayPort
Jan. 24, 2024.
RSC201-I-AX AXIOMTEK-RSC201-I-AX Datasheet
477Kb / 2P
Fanless Edge AI Computer Vision System with AMD Kria™ K26 SOM, GbE LAN, COM, USB 3.2, and DisplayPort
Jan. 24, 2024.
More results

Similar Description - RSC24

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RSM12C TOCOS-RSM12C Datasheet
270Kb / 1P
Compact Non-contact angle sensor
logo
DIWELL Electronics Co.,...
TB-SERIES DIWELL-TB-SERIES Datasheet
1Mb / 5P
Non-contact Infrared Temperature Sensor
1.0.0
DTPA-UART-3232 DIWELL-DTPA-UART-3232 Datasheet
1Mb / 3P
Non-contact 32ⅹ32 Pixel Infrared Temperature Sensor
1.0.0
DTP DIWELL-DTP Datasheet
1Mb / 3P
Non-contact Infrared Temperature Sensor
1.0.1.
TBP DIWELL-TBP Datasheet
1Mb / 5P
Non-contact Infrared Temperature Sensor
Ver1.0
DTPA-UART DIWELL-DTPA-UART Datasheet
1Mb / 3P
Non-contact 32ⅹ32 Pixel Infrared Temperature Sensor
Ver1.0
DTPA-UART-0808S DIWELL-DTPA-UART-0808S Datasheet
1Mb / 3P
Non-contact 8x8 Pixel Infrared Temperature Sensor
Version 1.0.0
DTPA-UART-1616S DIWELL-DTPA-UART-1616S Datasheet
988Kb / 3P
Non-contact 16x16 Pixel Infrared Temperature Sensor
Version 1.0.0
logo
MultiDimension Technolo...
LPS-TMR125A4 MULTIDIMENSION-LPS-TMR125A4 Datasheet
547Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
LPS-TMR125B4 MULTIDIMENSION-LPS-TMR125B4 Datasheet
545Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com