Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKBPC1001W Datasheet(PDF) 1 Page - Won-Top Electronics

Part # RKBPC1001W
Description  10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RKBPC1001W Datasheet(HTML) 1 Page - Won-Top Electronics

  RKBPC1001W Datasheet HTML 1Page - Won-Top Electronics RKBPC1001W Datasheet HTML 2Page - Won-Top Electronics RKBPC1001W Datasheet HTML 3Page - Won-Top Electronics RKBPC1001W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RKBPC10, 15, 25, 35/W SERIES
1 of 4
© 2002 Won-Top Electronics
RKBPC10, 15, 25, 35/W
10, 15, 25, 35A FAST RECOVERY BRIDGE RECTIFIER
Features
!
Diffused Junction
A
A
!
Low Reverse Leakage Current
C
C
!
Fast Switching, High Efficiency
G
G
!
Electrically Isolated Epoxy Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
H
H
Mechanical Data
E
E
!
Case: Epoxy Case with Heat Sink Internally
B
B
Mounted in the Bridge Encapsulation
Metal Heat Sink
!
Terminals: Plated Leads Solderable per
RKBPC
RKBPC-W
MIL-STD-202, Method 208
!
Polarity: Symbols Marked on Case
!
Mounting: Through Hole for #10 Screw
!
Weight:
RKBPC
24 grams (approx.)
RBPC-W 21 grams (approx.)
!
Marking: Type Number
"W”
Suffix Designates Wire Leads
No Suffix Designates Faston Terminals
*All Models are Available on B(Height)=7.9mm Max. Epoxy Case
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
-00/W
-01/W
-02/W
-04/W
-06/W
-08/W
-10/W
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectifier Output Current
@TC = 55°C
RKBPC10/W
RKBPC15/W
RKBPC25/W
RKBPC35/W
IO
10
15
25
35
A
Non-Repetitive Peak Forward Surge
Current 8.3ms single half sine-wave
Superimposed on rated load
(JEDEC Method)
RKPBC10/W
RKBPC15/W
RKBPC25/W
RKBPC35/W
IFSM
200
300
300
400
A
Forward Voltage Drop
(per element)
RKBPC10/W @IF = 5.0A
RKBPC15/W @IF = 7.5A
RKBPC25/W @IF = 12.5A
RKBPC35/W @IF = 17.5A
VFM
1.3
V
Peark Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
150
250
500
nS
WT E
PO W E R SEM IC O ND UC TO R S
RKBPC
RKBPC-W
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
10.97
11.23
10.97
11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.86
25.40
30.50
—
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm


Similar Part No. - RKBPC1001W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RKBPC1001W WTE-RKBPC1001W Datasheet
72Kb / 5P
10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - RKBPC1001W

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
RW005M EDAL-RW005M Datasheet
100Kb / 1P
Silicon Bridge Rectifier Fast Recovery
FBR1000 EDAL-FBR1000 Datasheet
82Kb / 1P
Silicon Fast Recovery Bridge Rectifier
BR1203 EDAL-BR1203 Datasheet
878Kb / 2P
SILICON FAST RECOVERY BRIDGE RECTIFIER
logo
Rectron Semiconductor
FRS201L RECTRON-FRS201L Datasheet
105Kb / 1P
FAST RECOVERY BRIDGE RECTIFIER
logo
Central Semiconductor C...
CBR1F-D010 CENTRAL-CBR1F-D010 Datasheet
56Kb / 2P
FAST RECOVERY SILICON BRIDGE RECTIFIER
CR6AF1GPP CENTRAL-CR6AF1GPP_15 Datasheet
83Kb / 2P
FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
Z4RGP20MH ZOWIE-Z4RGP20MH Datasheet
53Kb / 2P
Fast Recovery Bridge Rectifier
Z4RGP30MAPH ZOWIE-Z4RGP30MAPH Datasheet
51Kb / 2P
Fast Recovery Bridge Rectifier
Z4RGP30MPH ZOWIE-Z4RGP30MPH Datasheet
52Kb / 2P
Fast Recovery Bridge Rectifier
logo
Diotec Semiconductor
B40FS DIOTEC-B40FS_18 Datasheet
188Kb / 2P
Fast Recovery SMD Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com