Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJC06PB101M Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # RJC06PB101M
Description  1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC06PB101M Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  RJC06PB101M Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC06PB101M Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC06PB101M Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC06PB101M Datasheet HTML 4Page - TOCOSAMERICA, INC. RJC06PB101M Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
44
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
50 pieces per vinyl bag.
Part Numbers
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
RJC06 Series
RJC06F Through-Hole, F Terminal Style, Single-Slot, Bottom Adjust
RJC06F B 100 K
RJC06F B 200 K
RJC06F B 500 K
RJC06F B 101 K
RJC06F B 201 K
RJC06F B 501 K
RJC06F B 102 K
RJC06F B 202 K
RJC06F B 502 K
RJC06F B 103 K
RJC06F B 203 K
RJC06F B 503 K
RJC06F B 104 K
RJC06F B 204 K
RJC06F B 504 K
RJC06F B 105 K
RJC06F B 100 M
RJC06F B 200 M
RJC06F B 500 M
RJC06F B 101 M
RJC06F B 201 M
RJC06F B 501 M
RJC06F B 102 M
RJC06F B 202 M
RJC06F B 502 M
RJC06F B 103 M
RJC06F B 203 M
RJC06F B 503 M
RJC06F B 104 M
RJC06F B 204 M
RJC06F B 504 M
RJC06F B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC06F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com