Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJC097PB102M Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # RJC097PB102M
Description  3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC097PB102M Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  RJC097PB102M Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC097PB102M Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC097PB102M Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC097PB102M Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
109
Part Numbering System
RJC097
P
K1
102
K
B
Resistance Tolerance: K =
10%; M =
20%
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Adjustment Knob: K = Permanent Small Knob, Short Shaft.
K1 = Removable Large Knob, Extended Shaft, Single-Slot.
K 2 = Permanent Large Knob, Extended Shaft.
Blank = No Knob, Short Shaft, Single-Slot.
Terminal Style: P = 3 -Lead Configuration.
TOCOS Series Name.
Part Numbers
RJC097P Through-Hole, P Terminal Style, Single-Slot, Short Shaft, Side Adjust
RJC097PK Through-Hole, P Terminal Style, Short Shaft, Permanent Small Knob, Side Adjust
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
RJC097PK B 100 K
RJC097PK B 200 K
RJC097PK B 500 K
RJC097PK B 101 K
RJC097PK B 201 K
RJC097PK B 501 K
RJC097PK B 102 K
RJC097PK B 202 K
RJC097PK B 502 K
RJC097PK B 103 K
RJC097PK B 203 K
RJC097PK B 503 K
RJC097PK B 104 K
RJC097PK B 204 K
RJC097PK B 504 K
RJC097PK B 105 K
RJC097PK B 100 M
RJC097PK B 200 M
RJC097PK B 500 M
RJC097PK B 101 M
RJC097PK B 201 M
RJC097PK B 501 M
RJC097PK B 102 M
RJC097PK B 202 M
RJC097PK B 502 M
RJC097PK B 103 M
RJC097PK B 203 M
RJC097PK B 503 M
RJC097PK B 104 M
RJC097PK B 204 M
RJC097PK B 504 M
RJC097PK B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC097P B 100 K
RJC097P B 200 K
RJC097P B 500 K
RJC097P B 101 K
RJC097P B 201 K
RJC097P B 501 K
RJC097P B 102 K
RJC097P B 202 K
RJC097P B 502 K
RJC097P B 103 K
RJC097P B 203 K
RJC097P B 503 K
RJC097P B 104 K
RJC097P B 204 K
RJC097P B 504 K
RJC097P B 105 K
RJC097P B 100 M
RJC097P B 200 M
RJC097P B 500 M
RJC097P B 101 M
RJC097P B 201 M
RJC097P B 501 M
RJC097P B 102 M
RJC097P B 202 M
RJC097P B 502 M
RJC097P B 103 M
RJC097P B 203 M
RJC097P B 503 M
RJC097P B 104 M
RJC097P B 204 M
RJC097P B 504 M
RJC097P B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC097 Series
RJC097P
RJC097PK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com