Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD620CS Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SD620CS
Description  6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SD620CS Datasheet(HTML) 1 Page - Won-Top Electronics

  SD620CS Datasheet HTML 1Page - Won-Top Electronics SD620CS Datasheet HTML 2Page - Won-Top Electronics SD620CS Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD620CS – SD6100CS
1 of 3
© 2002 Won-Top Electronics
SD620CS – SD6100CS
6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
A
C
!
Guard Ring Die Construction for
B
J
Transient Protection
D
!
High Current Capability
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
E
!
For Use in Low Voltage, High Frequency
K
Inverters, Free Wheeling, and Polarity
G
Protection Applications
H
                          L
P
P
Mechanical Data
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-750, Method 2026
!
Polarity: Cathode Band
PIN 1 -
+
!
Weight: 0.4 grams (approx.)
PIN 3 -
Case PIN 2
!
Mounting Position: Any
Potive CT
!
Marking: Type Number
!
Standard Packaging: 16mm Tape (EIA-481)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
SD
620CS
SD
630CS
SD
640CS
SD
650CS
SD
660CS
SD
680CS
SD
6100CS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
V
Average Rectified Output Current
@TL = 75°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
75
A
Forward Voltage (Note 1)
@IF = 3.0A
VFM
0.55
0.70
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.2
15
mA
Typical Junction Capacitance (Note 2)
Cj
400
pF
Typical Thermal Resistance Junction to Ambient
RJA
80
K/W
Operating Temperature Range
Tj
-50 to +125
°C
Storage Temperature Range
TSTG
-50 to +150
°C
Note: 1. Mounted on P.C. Board with 14mm2 (0.13mm thick) copper pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
D PAK/TO-252AA
Dim
Min
Max
A
6.4
6.8
B
5.0
5.4
C
2.35
2.75
D
—1.60
E
5.3
5.7
G
2.3
2.7
H
0.4
0.8
J
0.4
0.6
K
0.3
0.7
L
0.50 Typical
P
—2.3
All Dimensions in mm
PIN 1
2
3


Similar Part No. - SD620CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD620CS PANJIT-SD620CS Datasheet
34Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
SD620CS PANJIT-SD620CS Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD620CS PANJIT-SD620CS Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD620CS PANJIT-SD620CS_04 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD620CS PANJIT-SD620CS_09 Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD620CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD1020YS PANJIT-SD1020YS Datasheet
35Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SB620DC TRSYS-SB620DC Datasheet
167Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
ED602CS WTE-ED602CS Datasheet
49Kb / 3P
6.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD320YS WTE-SD320YS Datasheet
45Kb / 3P
3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD520S WTE-SD520S Datasheet
43Kb / 3P
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD520YS WTE-SD520YS Datasheet
45Kb / 3P
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com