Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # BAV99
Description  Surface-mount Dual Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

BAV99 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  BAV99 Datasheet HTML 1Page - Silicon Standard Corp. BAV99 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface-mount Dual Switching Diodes
Voltage range 75 Volts
www.SiliconStandard.com
1 of 2
BAV99
8/26/2004 Rev.1.01
Power Dissipation
350 mWatts
FEATURES
Fast switching speed
Surface mount package ideally suited for
automatic insertion
For general purpose switching applications
High conductance
MECHANICAL DATA
Case: SOT-23, Molded plastic
Terminals: Matte tin plating
Polarity: See diagram
Marking: JE
Weight: 0.008 gram (approx.
)
SOT-23
Dimensions in inches and (millimeters)
0.020(0.51)
0.015(0.37)
0.055(1.40)
0.047(1.19)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.007(0.178)
0.003(0.076)
0.024(0.61)
0.018(0.45)
0.080(2.05)
0.070(1.78)
0.041(1.05)
0.047(0.89)
0.120(3.05)
0.104(2.65)
0.006(0.15)
0.001(0.013)
0.043(1.10)
0.035(0.89)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
BAV99
Units
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Average Rectifier Output Current (Note 1)
Io
150
mA
Non-Repetitive Peak Forward Surge Current
@ t=1.0uS
@ t=1.0S
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
Rthja
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
°C
Parameter
Symbol
Min
Max
Units
Forward Voltage
IF=1.0mA
IF= 10mA
IF = 50mA
IF=150mA
VF
-
0.715
0.855
1.0
1.25
V
Peak Reverse Current
VR=75V
VR=75V, Tj=150°C
VR=25V, TJ=150°C
VR=20V
IR
-
2.5
50
30
25
uA
nA
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
2.0
pF
Reverse Recovery Time (Note 2)
trr
-
4.0
ns
Notes: 1. Valid provided that terminals are kept at ambient temperature.
2. Reverse recovery test conditions: IF=IR=10mA, Irr=0.1 x IR, RL=100
Ω
Pb-free lead finish (second-level interconnect).


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2836 CENTRAL-CMPD2836 Datasheet
106Kb / 2P
SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A PANJIT-BAS21A_09 Datasheet
89Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Central Semiconductor C...
CMLD2838 CENTRAL-CMLD2838_10 Datasheet
513Kb / 2P
SURFACE MOUNT DUAL PAIR, SILICON SWITCHING DIODES
CMPD2836 CENTRAL-CMPD2836_10 Datasheet
461Kb / 2P
SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMSD2836 CENTRAL-CMSD2836_10 Datasheet
537Kb / 2P
SURFACE MOUNT DUAL SILICON SWITCHING DIODES
logo
Shenzhen Luguang Electr...
DAN202U LUGUANG-DAN202U Datasheet
447Kb / 2P
Dual Surface Mount Switching Diodes
logo
Central Semiconductor C...
CMPD2836 CENTRAL-CMPD2836_15 Datasheet
461Kb / 2P
SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMSD2836 CENTRAL-CMSD2836_15 Datasheet
537Kb / 2P
SURFACE MOUNT DUAL SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A_17 Datasheet
260Kb / 5P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com