Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1035CT Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # MBR1035CT
Description  Schottky Barrier Recitifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBR1035CT Datasheet(HTML) 1 Page - Silicon Standard Corp.

  MBR1035CT Datasheet HTML 1Page - Silicon Standard Corp. MBR1035CT Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR1030CT-MBR1060CT
Schottky Barrier Recitifier
PRODUCT SUMMARY
TO-220 Plastic-Encapsulate Transistors
FEATURES
Scottky Barrier Chip
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Very low forward voltage drop
High Surge Capability
High Current Capability and Low Forward Voltage Drop
For use in low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
01/29/2007 Rev.1.00
www.SiliconStandard.com
1
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
PMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note
1)
@ TC=105
℃
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load
(JEDEC Method)
IFSM
125
A
Repetitive Peak Reverse Surge Current
@ t
≤ 2.0µs
IRRM
1.0
A
Forward Voltage Drop
@ IF=5.0A, TC=125
℃
@ IF=5.0A, TC= 25
℃
@ IF=10A, TC= 25
℃
VFM
0.57
0.70
0.84
0.70
0.80
0.95
V
Peak Reverse Current
@ TC= 25
℃
at Rated DC Blocking Voltage
@ TC=125
℃
IRM
0.1
15
mA
Typical Junction Capacitance (Note 2)
Cj
150
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
℃
Characteristic
Symbol
MBR
1030CT
MBR
1035CT
MBR
1040CT
MBR
1045CT
MBR
1050CT
MBR
1060CT
Unit
ELECTRICAL CHARACTERISTICS
( Tamb = 25oC unless otherwise specified )
Pb-free; RoHS-compliant
Notes: 1. Thermal resistance junction to case mounted heat sink.
2. Measured at 1.OMHz and applied reverse voltage of 4.0V DC.
1 2 3
TO-220
1
. ANODE
2. CATHODE
3. ANODE
1
2
3


Similar Part No. - MBR1035CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1035CT DIODES-MBR1035CT Datasheet
64Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Micro Commercial Compon...
MBR1035CT MCC-MBR1035CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Diodes Incorporated
MBR1035CT DIODES-MBR1035CT Datasheet
77Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1035CT TSC-MBR1035CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1035CT TSC-MBR1035CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR1035CT

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Solid States Devices, I...
SDA267 SSDI-SDA267 Datasheet
179Kb / 2P
10 AMP RECITIFIER ASSEMBLY
SDA18A SSDI-SDA18A Datasheet
215Kb / 2P
35 AMP RECITIFIER ASSEMBLY
SDA35UF SSDI-SDA35UF Datasheet
213Kb / 2P
14 AMP RECITIFIER ASSEMBLY
logo
Gaomi Xinghe Electronic...
SR0630 GXELECTRONICS-SR0630 Datasheet
322Kb / 2P
SCHOTTKY BARRIER RECITIFIER
logo
Powerex Power Semicondu...
R6031222PSYA POWEREX-R6031222PSYA Datasheet
273Kb / 2P
Fast Recovery Recitifier
logo
Solid States Devices, I...
RH0145 SSDI-RH0145 Datasheet
229Kb / 2P
RECITIFIER
logo
Nanjing International G...
SRF15200CT-15A-ITO-220AB DGNJDZ-SRF15200CT-15A-ITO-220AB Datasheet
113Kb / 2P
SCHOTTKY BARRIER RECITIFIER
logo
Shindengen Electric Mfg...
D3FE60 SHINDENGEN-D3FE60 Datasheet
261Kb / 4P
Recitifier Diode
logo
HY ELECTRONIC CORP.
MBR1030CT HY-MBR1030CT_V01 Datasheet
443Kb / 3P
Schottky Barrier Recitifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com