Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB2S Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # RMB2S
Description  Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

RMB2S Datasheet(HTML) 2 Page - Silicon Standard Corp.

  RMB2S Datasheet HTML 1Page - Silicon Standard Corp. RMB2S Datasheet HTML 2Page - Silicon Standard Corp. RMB2S Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12/23/2007 Rev.1.00
www.SiliconStandard.com
2
RATINGS AND CHARACTERISTIC CURVES (RMB2S THRU RMB6S)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
FIG.1- DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
AMBIENT TEMPERATURE. ( C)
o
FIG.5- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0
0.4
1.2
1.4
1.6
0.2
10
1
0.1
0.01
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
10
200
30
25
20
15
10
5
0
REVERSE VOLTAGE. (V)
FIG.2- TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
100
10
1
0.1
0.01
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
1
10
100
35
30
25
20
15
10
5
0
NUMBER OF CYCLES
Ta=40 C
Single Half Sine Wave
(JEDEC Method)
O
F=60 Hz
F=50 Hz
1 Cycle
020406080
100
120
140
160
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Resistive or Inductive Load
Aluminum Substrate
Glass
Epoxy
P.C.B.
020406080100
Tj=125 C
0
Tj=25 C
0
Pulse Width=300 s
1% Duty Cycle
Tj=25 C
0
100
1
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com