Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SL34-T3
Description  3.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SL34-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  SL34-T3 Datasheet HTML 1Page - Won-Top Electronics SL34-T3 Datasheet HTML 2Page - Won-Top Electronics SL34-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
1
2
3
4
10
50
100
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
Single Phase Half-Wave
60 Hz Resistive or Inductive
Load 9.5mm Lead Length
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
20
40
60
80
100
110
100
NUMBER OF CYCLES AT 60 Hz
Fig.3 Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
0.1
1.0
10
30
0.1
0.2
0.3
0.4
0.5
0.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Voltage Characteristics
F
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ
SL32 – SL34
2 of 3
© 2002 Won-Top Electronics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com