Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12L Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS12L
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS12L Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS12L Datasheet HTML 1Page - Silicon Standard Corp. SS12L Datasheet HTML 2Page - Silicon Standard Corp. SS12L Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
08/22/2007 Rev.1.00
www.SiliconStandard.com
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
o
C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%
Type Number
Symbol SS
12L
SS
13L
SS
14L
SS
15L
SS
16L
SS
19L
SS
110L
SS
115L
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Marking Code (Note 2)
12LYM 13LYM 14LYM 15LYM 16LYM 19LYM 10LYM A5LYM
Maximum Average Forward Rectified
Current
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
(Note 1)
@ 0.5A
@ 1.0A
VF
0.385
0.45
0.43
0.50
0.51
0.55
0.58
0.70
0.65
0.80
0.75
0.90
V
0.4
0.05
Maximum DC Reverse Current
@ TA =25
oC at Rated DC Blocking
Voltage @ TA=100
oC
IR
8.0
6.0
0.5
mA
mA
Maximum Thermal Resistance (Note 3)
RθJA
RθJL
100
45
o
C/
W
Operating Temperature Range
TJ
-55 to +150
o
C
Storage Temperature Range
TSTG
-55 to + 150
o
C
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle.
2. 12LYM: 1-1A, 2-20V, L-Low Profile, Y-Year Code, M-Month Code.
3. Measured on P.C.Board with 0.2” x 0.2” (5.0mm x 5.0mm) Copper Pad Areas.
SS12L thru SS115L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com