Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS32
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS32 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS32 Datasheet HTML 1Page - Silicon Standard Corp. SS32 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS32-SS315
04/05/2007 Rev.1.00
www.SiliconStandard.com
2
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
1
0.01
0.1
10
100
0.1
10
1
100
t, PULSE DURATION, (sec)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
100
80
60
40
20
0
NUMBER OF CYCLES AT 60Hz
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
160
150
140
130
0
1
2
3
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
SS32-SS34
SS35-SS315
PCB MOUNTED ON 0.6X0.6"
(16X16mm) COPPER PAD AREAS
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
40
FORWARD VOLTAGE. (V)
TJ=25 C
0
PULSE WIDTH=300 S
1% DUTY CYCLE
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
20
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125 C
0
TJ=25 C
0
TJ=75 C
0
SS32-SS34
SS35-SS315
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
1000
REVERSE VOLTAGE. (V)
SS32-SS34
SS35-SS36
SS39-SS315
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
SS32-SS34
SS39-SS310
SS35-SS36
SS315
RATINGS AND CHARACTERISTIC
CURVES (SS32 THRU SS315)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com