Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS431G Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS431G
Description  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS431G Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS431G Datasheet HTML 1Page - Silicon Standard Corp. SS431G Datasheet HTML 2Page - Silicon Standard Corp. SS431G Datasheet HTML 3Page - Silicon Standard Corp. SS431G Datasheet HTML 4Page - Silicon Standard Corp. SS431G Datasheet HTML 5Page - Silicon Standard Corp. SS431G Datasheet HTML 6Page - Silicon Standard Corp. SS431G Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
SS431/G















 
 

 

 

APPLICATION INFORMATION
TEST CIRCUITS
T2
T1
VMAX
VDEV = VMAX-VMIN
VMIN
TEMPERATURE
Deviation of reference input voltage, V
DEV, is defined as
the maximum variation of the reference input voltage
over the full temperature range.
The average temperature coefficient of the reference in-
put voltage,
αV
REF is defined as:
T1
T2
10
C)
25
(at
V
V
T1
T2
6
10
C)
25
(at
V
V
-
V
C
ppm
V
6
REF
DEV
REF
MIN
MAX
REF
−
°
±
=
−
°
±
=
°
∆
Where:
T2−T1=full temperature change.
αVREF can be positive or negative depending on
whether the slope is positive or negative.
Example: VDEV= 7.0mV, VREF= 2495mV,
T2−T1= 105
°C, slope is negative.
C
27ppm/
V
C
105
6
10
2495mV
7.0mV
REF
°
−
=


=
°
α
Note 4. The dynamic output impedance, Rz, is de-
fined as:
RZ =
Z
Z
V
I
∆
∆
When the device is programmed with two external re-
sistors, R1 and R2, (see Fig. 2), the dynamic output
impedance of the overall circuit, is defined as:
[ ]
R2
R1
1
Rz
I
V
z
r
+
≅
∆
∆
=
Rev.2.02 3/11/2004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com