Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS809 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS809
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS809 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS809 Datasheet HTML 1Page - Silicon Standard Corp. SS809 Datasheet HTML 2Page - Silicon Standard Corp. SS809 Datasheet HTML 3Page - Silicon Standard Corp. SS809 Datasheet HTML 4Page - Silicon Standard Corp. SS809 Datasheet HTML 5Page - Silicon Standard Corp. SS809 Datasheet HTML 6Page - Silicon Standard Corp. SS809 Datasheet HTML 7Page - Silicon Standard Corp. SS809 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.SiliconStandard.com
2 of 8
SS809/810G
9/20/2006 Rev.3.01
ORDERING INFORMATION
PIN CONFIGURATION
SS809X-XXGU XX
SS810 -XXGU XX
Example: SS809-31GU TR
à 3.1V, push-pull version in RoHS-compliant SOT-23-3 , shipped in tape and reel
SOT-23-3
TOP VIEW
1: GND
2: RESET (RESET)
3: VCC
2
1
3
Packing type
TR: T ape and reel
Package type
GU: RoHS-compliant Pb-free SOT-23-3
Reset threshold voltage
23: 2.3V
26: 2.6V
29: 2.9V
31: 3.1V
40: 4.0V
44: 4.4V
46: 4.6V
Output type
Default: Push-Pull type
N: N-ch open-drain type
SOT-23 Part Marking
Part No.
Marking
Part No.
Marking
Part No.
Marking
SS809-23GU
RA23P
SS809N-23GU
RB23P
SS810-23GU
RD23P
SS809-26GU
RA26P
SS809N-26GU
RB26P
SS810-26GU
RD26P
SS809-29GU
RA29P
SS809N-29GU
RB29P
SS810-29GU
RD29P
SS809-31GU
RA31P
SS809N-31GU
RB31P
SS810-31GU
RD31P
SS809-40GU
RA40P
SS809N-40GU
RB40P
SS810-40GU
RD40P
SS809-44GU
RA44P
SS809N-44GU
RB44P
SS810-44GU
RD44P
SS809-46GU
RA46P
SS809N-46GU
RB46P
SS810-46GU
RD46P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com