Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS809-40GU Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS809-40GU
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS809-40GU Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS809-40GU Datasheet HTML 1Page - Silicon Standard Corp. SS809-40GU Datasheet HTML 2Page - Silicon Standard Corp. SS809-40GU Datasheet HTML 3Page - Silicon Standard Corp. SS809-40GU Datasheet HTML 4Page - Silicon Standard Corp. SS809-40GU Datasheet HTML 5Page - Silicon Standard Corp. SS809-40GU Datasheet HTML 6Page - Silicon Standard Corp. SS809-40GU Datasheet HTML 7Page - Silicon Standard Corp. SS809-40GU Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.SiliconStandard.com
4 of 8
SS809/810G
9/20/2006 Rev.3.01
ELECTRICAL CHARACTERISTICS
(Typical values are at TA=25
°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage Range
VCC
0.9
6
V
Supply Current
ICC
VCC = VTH +0.1V
1
3
µA
TA=+25
°C
2.265
2.3
2.335
SS809-23
TA= -40
°C to +85°C
2.254
2.346
TA=+25
°C
2.561
2.6
2.639
SS809-26
TA= -40
°C to +85°C
2.548
2.652
TA=+25
°C
2.857
2.9
2.944
SS809-29
TA= -40
°C to +85°C
2.842
2.958
TA=+25
°C
3.054
3.1
3.147
SS809-31
TA= -40
°C to +85°C
3.038
3.162
TA=+25
°C
3.940
4.0
4.060
SS809-40
TA= -40
°C to +85°C
3.920
4.080
TA=+25
°C
4.334
4.4
4.466
SS809-44
TA= -40
°C to +85°C
4.312
4.488
TA=+25
°C
4.531
4.6
4.669
Reset Threshold
VTH
SS809-46
TA=-40
°C to +85°C
4.508
4.692
V
VCC to Reset Delay
TRD
VCC=VTH to (VTH -0.1V), VTH=3.1V
20
µS
TA=+25
°C
140
230
560
Reset Active Timeout Period
TRP
VCC = VTH (MAX)
TA= -40
°C to +85°C
100
1030
mS
VOH
VCC=VTH+0.1V, ISOURCE=1mA
0.8VCC
RESET Output Voltage
VOL
VCC=VTH - 0.1V, ISINK=1mA
0.2Vcc
V
VOH
VCC=VTH-0.1V, ISOURCE=1mA
0.8VCC
RESET Output Voltage
VOL
VCC=VTH+0.1V, ISINK=1mA
0.2Vcc
V
Note2: RESET output is for the SS809G; RESET output is for the SS810G.
Note3: Specifications for operating temperature ranges from -40
°C to 85°C are guaranteed by Statistical Quality
Controls (SQC), with no production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com