Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6084 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6084
Description  5A Low-dropout Positive Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6084 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6084 Datasheet HTML 1Page - Silicon Standard Corp. SS6084 Datasheet HTML 2Page - Silicon Standard Corp. SS6084 Datasheet HTML 3Page - Silicon Standard Corp. SS6084 Datasheet HTML 4Page - Silicon Standard Corp. SS6084 Datasheet HTML 5Page - Silicon Standard Corp. SS6084 Datasheet HTML 6Page - Silicon Standard Corp. SS6084 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SS6084
Rev.2.02 4/06/2004
ORDERING INFORMATION
PIN CONFIGURATION
SS6084-XXCXXX
Example: SS6084-15CETR
à 1.5V fixed output in TO-252
shipped in tape and reel
2
3
1
TO-252
TOP VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
2
3
1
1
2
3
TO-263
TOP VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
TO-220
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
Packing type
TB: tubes
TR: tape and reel
Package type
E: TO-252
M: TO-263
T: TO-220
Output voltage
Default: adjustable
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
ABSOLUTE MAXIMUM RATINGS
VIN pin to ADJ/GND pin
7V
Operating Junction Temperature Range
0
°C~ 125°C
Storage Temperature Range
- 65
°C ~ 150°C
Thermal Resistance Junction to Case
TO-252
12.5
°C/W
TO-263, TO -220
3
°C /W
Thermal Resistance Junction to Ambient
TO-252
100
°C/W
(Assume no ambient airflow, no heatsink)
TO-263
60
°C /W
TO-220
50
°C /W
Lead Temperature (Soldering) 10 sec.
260
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com