Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6085 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6085
Description  3A Low Dropout Positive Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6085 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6085 Datasheet HTML 1Page - Silicon Standard Corp. SS6085 Datasheet HTML 2Page - Silicon Standard Corp. SS6085 Datasheet HTML 3Page - Silicon Standard Corp. SS6085 Datasheet HTML 4Page - Silicon Standard Corp. SS6085 Datasheet HTML 5Page - Silicon Standard Corp. SS6085 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.SiliconStandard.com
2 of 6
SS6085


!"
ORDERING INFORMATION
 
 













 



 SS6085-15CETR
$
 !"#$"$ %&'
( "$'(%&"$' )
 * +
 (,
- -
 *  +
 
. 
 
  , 
/ ,  /01 -,
 
 
 
 
SS6
22222

!"
ABSOLUTE MAXIMUM RATINGS
.89/:8
; 
  9!    
2°<'$°
(     
)=$°<$2°
  ! 9!   )'$'
 '$°/> 

)'=%)''2
°/>
  ! 9!#   )'$'
22°/> 
5 # 1*% +6 )'=
=2°/>

)''2
$2°/>
    5(  62 ! 
'=2°

!"
TEST CIRCUIT
 1 ? .
..8.@.
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com