Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q2-R Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q2-R
Description  HEAT SHRINK THIN WALL TUBING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q2-R Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q2-R Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
Q2-R
SEMI-RIGID, MULTI-PURPOSE,
FLAME RETARDANT, POLYOLEFIN TUBING
SHRINK RATIO 2:1
Features/Applications
Outstanding physical, chemical and electrical properties. Widely
used for insulation of harnesses and connectors in such fields
as military, aerospace and fine electronic instruments. Resistant
to common fluids and solvents.
Technical Data
Size
(Inch)
Product Dimensions
As Supplied (mm)
Inside Diameter
(max.)
Standard Packaging
3/64
1/16
3/32
1/8
3/16
1/4
3/8
1/2
5/8
3/4
1
1.2
1.6
2.4
3.2
4.8
6.4
9.5
12.7
16.0
19.1
25.4
0.6
0.8
1.2
1.6
2.4
3.2
4.8
6.4
8.0
9.5
12.7
After Recovered (mm)
500
500
500
500
250
250
250
150
150
150
150
Wall Thickness
(min.)
Standard
Spool
*(SS)
(Feet)
100
100
100
100
100
100
100
100
50
50
50
Mini
Spool
*(MS)
(Feet)
0.4
0.4
0.5
0.5
0.5
0.6
0.6
0.6
0.7
0.7
0.9
Cut to
Length Pcs.
*(QB)
Qty per bag
40
36
32
28
24
20
16
14
14
12
8
6”
48”
25
25
25
25
25
25
25
5
5
5
5
Inside Diameter
(min.)
Property
a
t
a
D
l
a
c
i
p
y
T
d
o
h
t
e
M
t
s
e
T
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 2671
Self-extinguish in 30 sec.
ASTM D 2671
ASTM D 2671
ASTM D 150
ASTM D 876
UL 224
ASTM D 570
SAE-AMS-DTL-23053/5
UL 224
UL 224
Tensile Strength
Elongation at Break
Tensile Strength After Aging
(175°C, 168 hrs.)
Elongation After Aging (175°C, 168 hrs.)
Flammability
Heat Shock (250°C, 4 hrs.)
Cold Bend Test (-55°C, 4 hrs.)
Dielectric Strength
Volume Resistance
Copper Corrosion
Water Absorption
Chemical Resistance
Longitudinal Shrinkage
Eccentricity
16 MPa
500%
14 MPa
250%
Pass
No cracking
No cracking
20 kV / mm
10
Ω.cm
Pass
0.15%
Pass
0 + 5%
< 30%
14
Operating temperature: -55°C to +135°C
Minimum shrink temperature: 90°C
Full recovery temperature: 130°C
Approval:
File No. E236137,
242540, 125°C, VW-1, 600V
Meets: SAE-AMS-DTL-23053/5 Class 1 & 3, Sony SS-00259
Standard color: Black, clear (Non-flame retardant)
RoHS Compliant
ISO-9001 Company
www.qualtekusa.com
Q2R-200D
Notes:
1.
* See Part Number Guide for standard packaging codes.
2.
Special sizes, packaging, colors and cut pieces are available upon request.


Similar Part No. - Q2-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-R QUALTEK-Q2-R Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
More results

Similar Description - Q2-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com