Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6340 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6340
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6340 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6340 Datasheet HTML 7Page - Silicon Standard Corp. SS6340 Datasheet HTML 8Page - Silicon Standard Corp. SS6340 Datasheet HTML 9Page - Silicon Standard Corp. SS6340 Datasheet HTML 10Page - Silicon Standard Corp. SS6340 Datasheet HTML 11Page - Silicon Standard Corp. SS6340 Datasheet HTML 12Page - Silicon Standard Corp. SS6340 Datasheet HTML 13Page - Silicon Standard Corp. SS6340 Datasheet HTML 14Page - Silicon Standard Corp. SS6340 Datasheet HTML 15Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.SiliconStandard.com
11 of 16
SS6340

, 
     &
(      
 !"L6 
)(
       
& ) 9++ (  #6 %  
  !:*!:3)
     &
(

     J2 @0 & A
&    @*++µ  & A6   
%   (  ) 
@A/2+µ .6
(      )
#  3(
  )    %    ( !( 3
  
52(
 &!:*!:3) 
% /   615
      )  ) #
(# %/))
)  (
  ) )    / 
.@0,-A
%#=







=
×

     /  !"L
(
    6  
)'%/=
2(&$( 
*(   0 )  )
% ( 
3(=








+
>

%-
-        ))   
 (0)6.
 4(C,Ω


#    /  
     .  
/  (    . 
))#66
      ( ) 
     # )  
6  6 /   
 .(
2A   %(1
  @A    /
/(    ) %# 6
   !" @J2A   /
 !" @J*A  % ( 
  %  /    %  
 (
*A %/J26J*
   %  /   
 (     )
 /  #"0(
3A    @A   %
      % (
:    
 )   /  ' /
%
4A 
6
34+% '
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com