Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6340CSTB Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6340CSTB
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6340CSTB Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6340CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6340CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6340CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6340CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6340CSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6340CSTB Datasheet HTML 11Page - Silicon Standard Corp. SS6340CSTB Datasheet HTML 12Page - Silicon Standard Corp. SS6340CSTB Datasheet HTML 13Page - Silicon Standard Corp. SS6340CSTB Datasheet HTML 14Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.SiliconStandard.com
10 of 16
SS6340
!"
PIN DESCRIPTIONS
2=  - "= 

(
  - "  
 )  &  
 !"(
 



  !"  @A
)(
*= 57 "= "&    !"
  (  57 "
)& 
 !"(
3=
=
/#6
  ) ( , 
   4(C,Ω)
(
4= =    /  # ( 0
     %
 )     !"
 
%#

0(
 # 
2*(
9=
=
) (  
)(
 6   / 
  2+µ  @# #A 
6   )
 )(
    / /  
/0(

?= !:*=
     
  
 (
C= 0*=
    /  
   (  
% 3(3(


 #6     
  3(3  #( 0)6
) /   # 6 
   % / *(?
@# #A6    /(
/)# 
  )  3(3  #
%

 
 (
D= 5*=  )    (
 9++ (
H= 7=
  7 ) 0(   
    /
   ( , 
 )
(
2+= 7 "3= 1 (
     
     
  !"(
22= !:3
 )%.  ) 
     )
     
  
 (
2*= 2 "& (
    
 )   
(   /. 
  !:2  
     
)%. )(
23= !:2
   ) 
(!:2
2    
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com