Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6341CSTB Datasheet(PDF) 14 Page - Silicon Standard Corp.

Part # SS6341CSTB
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6341CSTB Datasheet(HTML) 14 Page - Silicon Standard Corp.

Back Button SS6341CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6341CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6341CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6341CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6341CSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6341CSTB Datasheet HTML 11Page - Silicon Standard Corp. SS6341CSTB Datasheet HTML 12Page - Silicon Standard Corp. SS6341CSTB Datasheet HTML 13Page - Silicon Standard Corp. SS6341CSTB Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
www.SiliconStandard.com
14 of 14
SS6341
n PACKAGE DIMENSIONS
l
16 LEAD PLASTIC SO (300 mil) (unit: mm)
SYMBOL
MIN
MAX
A
2.35
2.65
A1
0.10
0.30
B
0.33
0.51
C
0.23
0.32
D
10.10
10.50
E
7.40
7.60
e
1.27(TYP)
H
10.00
10.65
H
E
e
B
c
A
D
L
L
0.40
1.27
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon
Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation
enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products
described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard
Corporation or any third parties.
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com