Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X20C16 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X20C16
Description  High Speed AUTOSTORE??NOVRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C16 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X20C16 Datasheet HTML 13Page - Xicor Inc. X20C16 Datasheet HTML 14Page - Xicor Inc. X20C16 Datasheet HTML 15Page - Xicor Inc. X20C16 Datasheet HTML 16Page - Xicor Inc. X20C16 Datasheet HTML 17Page - Xicor Inc. X20C16 Datasheet HTML 18Page - Xicor Inc. X20C16 Datasheet HTML 19Page - Xicor Inc. X20C16 Datasheet HTML 20Page - Xicor Inc. X20C16 Datasheet HTML 21Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
X20C16
21
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes
no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described
devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness tor any purpose. Xicor, Inc. reserves the right to
discontinue production and change specifications and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents,
licenses are implied.
US. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481;
4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967;
4,883,976. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with
appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence.
Xicor’s products are not authorized for use as critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life,
and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected
to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure
of the life support device or system, or to affect its satety or effectiveness.
ORDERING INFORMATION
Access Time
–35 = 35ns
–45 = 45ns
–55 = 55ns
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = –40
°C to +85°C
M = Military = –55
°C to +125°C
MB = Mil. STD 883
Package
D = 28-Lead Cerdip
P = 28 Lead Plastic Dip
E = 32-Pad Ceramic LCC
J = 32-Lead PLCC
S = 28-Lead SOIC
T = 32-Lead TSOP
Device
X20C16
X
X
-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com