Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6383 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6383
Description  1.5A DDR Termination Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6383 Datasheet HTML 1Page - Silicon Standard Corp. SS6383 Datasheet HTML 2Page - Silicon Standard Corp. SS6383 Datasheet HTML 3Page - Silicon Standard Corp. SS6383 Datasheet HTML 4Page - Silicon Standard Corp. SS6383 Datasheet HTML 5Page - Silicon Standard Corp. SS6383 Datasheet HTML 6Page - Silicon Standard Corp. SS6383 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
ORDERING INFORMATION
PIN CONFIGURATION
Example:
SS6383GSTR
in SO-8 package with Pb-free lead finish
shipped on tape and reel
SS6383XX XX
Packing
TR: Tape and reel
Package type
CS: SO-8, Commercial
SO-8
TOP VIEW
VCNTL
VCNTL
VCNTL
VCNTL
VREF
GND
VOUT
VIN 1
3
4
2
8
6
5
7
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.4V to 7V
Operating Temperature Range
-40°C~85°C
Junction Temperature Range
125°C
Lead Temperature (Solder, 10sec)
260°C
SO-8
160°C /W
Thermal Resistance
θ
JA
(Assumes no ambient airflow, no heatsink)
Note1: Any stress beyond these Absolute Maximum Ratings may cause permanent damage to the device.
10/07/2004 Rev.1.01
SS6383(G)
GS: SO-8, Commercial with
Pb-free lead finish
Thermal Resistance .JC
SO-8
40°C /W
TEST CIRCUIT
2.5V/1.8V
1.25V/0.9V
VOUT
+
COUT
10
µF
VIN
1
GND
2
VCNTL 8
VOUT
4
VREF
3
VCNTL 7
VCNTL 6
VCNTL 5
SS6
383
3.3V
Storage Temperature Range
-65°C ~150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com