Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6401 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6401
Description  Step-Down DC/DC Controller with Shutdown
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6401 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6401 Datasheet HTML 1Page - Silicon Standard Corp. SS6401 Datasheet HTML 2Page - Silicon Standard Corp. SS6401 Datasheet HTML 3Page - Silicon Standard Corp. SS6401 Datasheet HTML 4Page - Silicon Standard Corp. SS6401 Datasheet HTML 5Page - Silicon Standard Corp. SS6401 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
SS6401
!"
ELECTRICAL CHARACTERISTICS   °°°°  


!"#$%%"#! !&'"( %# & ) *#%
 
$2 ' 5
;:%
 
,
2
 



++ 
J4
H
  



(5
,--
./0
75"5 
@@
B
    



  
,D
-

   



7":
D8

:*+#
:3

/0
' *
'
8
9µ'
! " 



;:'

D
Ω
;:'1


Ω
 



"'%"'
J4 7"

,--
µ
''"

-
µ




'+*)*
)
-
'+*/+
/
,
'+*"

µ


Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com