Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6401STR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6401STR
Description  Step-Down DC/DC Controller with Shutdown
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6401STR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6401STR Datasheet HTML 1Page - Silicon Standard Corp. SS6401STR Datasheet HTML 2Page - Silicon Standard Corp. SS6401STR Datasheet HTML 3Page - Silicon Standard Corp. SS6401STR Datasheet HTML 4Page - Silicon Standard Corp. SS6401STR Datasheet HTML 5Page - Silicon Standard Corp. SS6401STR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SS6401



  




!"
FEATURES

#"
  
#"
 
#"

#"
   
#"
  ! " # 
 $ %& " ' 
(
#"
)*'+*"
#"
,--./0 
#"
 ''
!"
APPLICATIONS
#"
$ 1#"
#"
!#" 
#"
2#"
#"
'!31
#"
#""
!"
DESCRIPTION
+ ''64-   ++ 56 #3
*6 ! 26 *+  
 6$ 16)"7#")"7
22* 
+  ++! "'!!
& $+ '%    +
++  #+ '%   
1 5
+ ,--./0 *+ (5  * 
2 & 2*+ 2
++ ! 5 + /0
*+  8 9  *   + 
2   + ++ !
*++
+ ''64-    ! 
  !   ! 
   +  5
 +    + 
  + & $+ '%
+ +  &! & * ! 

!"
ORDERING INFORMATION



#$"$:;$
SS6401CXXX

 
#".$:=#%
>#%?%%)
>;%
#".:%=#%
'>'));)$%
%&2 > SS6401CSTR
$
'@#1??
 #15





























Rev.2.01 6/26/2003


Similar Part No. - SS6401STR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS64 FRONTIER-SS64 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS64 ASEMI-SS64 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS64-LFR FRONTIER-SS64-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
Adjustable High-Precision Shunt Regulator
SS6431GSTB SSC-SS6431GSTB Datasheet
263Kb / 11P
Adjustable High-Precision Shunt Regulator
More results

Similar Description - SS6401STR

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
Step-Down DC/DC Controller
SS6580 SSC-SS6580 Datasheet
422Kb / 8P
Step-Down DC/DC Controller with Shutdown
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
Step-Down DC-DC Controller
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com