Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X20C04DI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X20C04DI
Description  Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04DI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X20C04DI Datasheet HTML 2Page - Xicor Inc. X20C04DI Datasheet HTML 3Page - Xicor Inc. X20C04DI Datasheet HTML 4Page - Xicor Inc. X20C04DI Datasheet HTML 5Page - Xicor Inc. X20C04DI Datasheet HTML 6Page - Xicor Inc. X20C04DI Datasheet HTML 7Page - Xicor Inc. X20C04DI Datasheet HTML 8Page - Xicor Inc. X20C04DI Datasheet HTML 9Page - Xicor Inc. X20C04DI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
X20C04
6
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified)
Read Cycle Limits
X20C04-15
X20C04-20
X20C04-25
X20C04
Symbol
Parameter
Min. Max.
Min. Max. Min. Max. Min. Max.
Units
tRC
Read Cycle Time
150
200
250
300
ns
tCE
Chip Enable Access Time
150
200
250
300
ns
tAA
Address Access Time
150
200
250
300
ns
tOE
Output Enable Access Time
50
70
100
150
ns
tLZ(3)
Chip Enable to Output in Low Z
0
0
0
0
ns
tOLZ(3)
Output Enable to Output in Low Z
0
0
0
0
ns
tHZ(3)
Chip Disable to Output in High Z
80
100
100
100
ns
tOHZ(3)
Output Disable to Output in High Z
80
100
100
100
ns
tOH
Output Hold From Address Change
0
0
0
0
ns
3825 PGM T10
Read Cycle
3825 FHD F05
Note:
(3) tLZ min., tHZ, tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured, with
CL = 5pF from the point when CE or OE return HIGH (whichever occurs first) to the time when the outptus are no longer driven.
tCE
tRC
ADDRESS
CE
OE
WE
DATA VALID
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
tOE
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com