Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6527 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6527
Description  Quad USB High-Side Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6527 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6527 Datasheet HTML 1Page - Silicon Standard Corp. SS6527 Datasheet HTML 2Page - Silicon Standard Corp. SS6527 Datasheet HTML 3Page - Silicon Standard Corp. SS6527 Datasheet HTML 4Page - Silicon Standard Corp. SS6527 Datasheet HTML 5Page - Silicon Standard Corp. SS6527 Datasheet HTML 6Page - Silicon Standard Corp. SS6527 Datasheet HTML 7Page - Silicon Standard Corp. SS6527 Datasheet HTML 8Page - Silicon Standard Corp. SS6527 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.SiliconStandard.com
4 of 9
SS6527


!"
TYPICAL PERFORMANCE CHARACTERISTICS
(&  #")"&*%% $ ("
*%% $ ("














#,-.Ω
,/0°

"+%"1*1"
°
(&/  *%*#")"&"+%"1*1"














#",-.Ω
,0

(&2  31"3 4 ("&"+%"1*1"
"+%"1*1"
°












#(
 

(&-  "*%% $*11"&*%% $ ("
*%% $ ("









35)3"

(&0  "*%% $*11"&"+%"1*1"
"+%"1*1"
°












!!"#$%&'(

(&  "*11"&"+%"1*1"
"+%"1*1"
°
)
)

 







!!"#$%&'(

Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com