Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6531 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6531
Description  500mA Dual Linear Regulator with Internal Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6531 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6531 Datasheet HTML 1Page - Silicon Standard Corp. SS6531 Datasheet HTML 2Page - Silicon Standard Corp. SS6531 Datasheet HTML 3Page - Silicon Standard Corp. SS6531 Datasheet HTML 4Page - Silicon Standard Corp. SS6531 Datasheet HTML 5Page - Silicon Standard Corp. SS6531 Datasheet HTML 6Page - Silicon Standard Corp. SS6531 Datasheet HTML 7Page - Silicon Standard Corp. SS6531 Datasheet HTML 8Page - Silicon Standard Corp. SS6531 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.SiliconStandard.com
2 of 10
SS6531
TYPICAL APPLICATION CIRCUIT






























SS6531




µ





µ





µ





   

 

Dual input regulator with auxiliary power switch
ORDERING INFORMATION
PIN CONFIGURATION


 !"






 






SS6531CXXX
 
 
 
  
 
  
<9= SS6531CSTR
$
 in SO-8 package, shipped on tape and reel
PDIP is only available in tubes
ABSOLUTE MAXIMUM RATINGS
   @ 
  A 
    
 "A°B>°
 "C°B)°
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com