Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6532CSTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6532CSTR
Description  500mA Dual Linear Regulator with VAUX Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6532CSTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6532CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6532CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6532CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6532CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6532CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6532CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6532CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6532CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6532CSTR Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.SiliconStandard.com
2 of 9

TYPICAL APPLICATION CIRCUIT































SS6532




µ





µ





µ

VSBY 5V
VCC 5V
3.3V/500mA
VAUX 3.3V

Dual-input Regulator with Auxiliary Driver

ORDERING INFORMATION
PIN CONFIGURATION











SS6532CXXX
Packing type
TR: Tape and reel
TB: Tubes
Package type
N: PDIP-8
S: Small outline
Example: SS6532CSTR
$
 in SO-8 package on tape and reel.
(CN/PDIP-8 is only available in tubes)









ABSOLUTE MAXIMUM RATINGS
   ; 
 < 
   
 "<°=>°
 "?°=3°

SS6532
Rev.2.02 3/21/2004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com