Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X22C10DM Datasheet(PDF) 6 Page - Xicor Inc.

Part # X22C10DM
Description  Nonvolatile Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X22C10DM Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X22C10DM Datasheet HTML 2Page - Xicor Inc. X22C10DM Datasheet HTML 3Page - Xicor Inc. X22C10DM Datasheet HTML 4Page - Xicor Inc. X22C10DM Datasheet HTML 5Page - Xicor Inc. X22C10DM Datasheet HTML 6Page - Xicor Inc. X22C10DM Datasheet HTML 7Page - Xicor Inc. X22C10DM Datasheet HTML 8Page - Xicor Inc. X22C10DM Datasheet HTML 9Page - Xicor Inc. X22C10DM Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
X22C10
6
tWC
tCW
tAS
tWP
tWR
tDW
tOW
tWZ
CS
DATA IN
WE
ADDRESS
DATA OUT
tDH
DATA VALID
tWC
tCW
tAS
tWP
tDW
tDH
tWR
CS
DATA IN
WE
ADDRESS
DATA OUT
HIGH Z
DATA VALID
Write Cycle Limits
Symbol
Parameter
Min.
Max.
Units
tWC
Write Cycle Time
120
ns
tCW
Chip Select to End of Write
90
ns
tAS
Address Setup Time
0
ns
tWP
Write Pulse Width
90
ns
tWR
Write Recovery Time
0
ns
tDW
Data Valid to End of Write
40
ns
tDH
Data Hold Time
0
ns
tWZ
Write Enable to Output in High Z
50
ns
tOW
Output Active from End of Write
0
ns
3815 PGM T09
Write Cycle
3815 FHD F04
Early Write Cycle
3815 FHD F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com