Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6612 Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS6612
Description  High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6612 Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS6612 Datasheet HTML 8Page - Silicon Standard Corp. SS6612 Datasheet HTML 9Page - Silicon Standard Corp. SS6612 Datasheet HTML 10Page - Silicon Standard Corp. SS6612 Datasheet HTML 11Page - Silicon Standard Corp. SS6612 Datasheet HTML 12Page - Silicon Standard Corp. SS6612 Datasheet HTML 13Page - Silicon Standard Corp. SS6612 Datasheet HTML 14Page - Silicon Standard Corp. SS6612 Datasheet HTML 15Page - Silicon Standard Corp. SS6612 Datasheet HTML 16Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.SiliconStandard.com
13 of 16
Rev.2.02 12/06/2003
SS6612
3. PCB Layout and Grounding
Since the SS6612’s switching frequency can
range up to 500kHz, the SS6612 can be very
sensitive. Careful printed circuit layout is im-
portant for minimizing ground bounce and noise.
The OUT pin should be as clear as possible,
and the GND pin should be placed close to the
ground plane. Keep the IC’s GND pin and the
ground leads of the input and output filter capaci-
tors less than 0.2in (5mm) apart. In addition,
keep all connections to the FB and LX pins as
short as possible. In particular, when using ex-
ternal feedback resistors, locate them as close
to the FB as possible. To maximize output power
and efficiency, and minimize output ripple voltage,
use a ground plane and solder the IC’s GND di-
rectly to the ground plane. Fig.37 to 39 are the
recommended layout diagrams.
Ripple Voltage Reduction
Two or three parallel output capacitors can sig-
nificantly improve the output ripple voltage of the
SS6612. The addition of an extra input capaci-
tor results in a stable output voltage. Fig.40
shows the application circuit with the above fea-
tures. Fig. 41 to 48 show the performance of
Fig.40.
APPLICATION EXAMPLES
DAMPING
SWITCH
VIN
VOUT
SS6612
OUT
BATT
LX
GND
Q3
Q2
Q1
L1
R1
200
Ω
22
µH
VOUT
VIN
R2
100K
Ω
SS6612
C3
C1
L
22
µH
47
µF
47
µF
0.1
µF
C2
0.1
µF
C4
R1
200
Ω
LOW BATTERY
OUTPUT
R4
R3
CLSEL
LX
OUT
FB
GND
REF
LBI
BATT
LBO
SHDN
L: TDK SLF7045T-22OMR90
C1, C3: NIPPON Tantalum Capacitor 6MCM476MB2TER
Fig.33 Simplified Damping Switch Diagram
Fig.34 VOUT = 3.3V Application Circuit.
VOUT
VIN
R2
100K
Ω
SS6612
C3
C1
L
22
µH
47
µF
47
µF
0.1
µF
C2
0.1
µF
C4
R1
200
Ω
LOW BATTERY
OUTPUT
R4
R3
CLSEL
LX
OUT
FB
GND
REF
LBI
BATT
LBO
SHDN
L: TDK SLF7045T-22OMR90
C1, C3: NIPPON Tantalum Capacitor 6MCM476MB2TER
VOUT
VIN
100KΩ
R1
200
Ω
R2
22µH
47
µF
47
µF
0.1
µF
0.1
µF
LOW BATTERY
OUTPUT
C2
C4
C3
C1
L
SS6612
R6
R5
R4
R3
SHDN
CLSEL
LX
FB
LBO
GND
REF
LBI
BATT
OUT
L: TDK SLF7045T-22OMR90
C1, C3: NIPPON Tantalum Capacitor 6MCM476MB2TER
VOUT=VREF*(1+R5/R6)
Fig.35 VOUT = 5.0V Application Circuit.
Fig.36 An Adjustable Output Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com