Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6579CSTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6579CSTR
Description  Step-Down DC/DC Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6579CSTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6579CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6579CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6579CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6579CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6579CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6579CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6579CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6579CSTR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.SiliconStandard.com
4 of 8
SS6579
/L


!"
ELECTRICAL CHARACTERISTICS  °°°°  


 !!
"#$ ! " % &!
 
;  0
@?%*
6

%
 



)) 
 K=
,=
  



1"0
7
,,

-./
+400" 
,,
    



$"  
678
678'
8>
7
,,
,
,=

   



4?
7>
E
?E()"
?E

./
 (

>
5µ
! " 



@?"

<

Ω
@?#


,
Ω
 



*"
 K= 4
6 
7,
,,
,
µ%

6
,
µ%


!"
TYPICAL PERFORMANCE CHARACTERISTICS
 



 











62%3
*$$""0:'


2°3
*:
  



     





°

Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com