Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6580CSTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # S6580CSTR
Description  Step-Down DC/DC Controller with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

S6580CSTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  S6580CSTR Datasheet HTML 1Page - Silicon Standard Corp. S6580CSTR Datasheet HTML 2Page - Silicon Standard Corp. S6580CSTR Datasheet HTML 3Page - Silicon Standard Corp. S6580CSTR Datasheet HTML 4Page - Silicon Standard Corp. S6580CSTR Datasheet HTML 5Page - Silicon Standard Corp. S6580CSTR Datasheet HTML 6Page - Silicon Standard Corp. S6580CSTR Datasheet HTML 7Page - Silicon Standard Corp. S6580CSTR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.SiliconStandard.com
2 of 8
SS6580/L
n ORDERING INFORMATION
PIN CONFIGURATION
SO-8
TOP VIEW
*SS6580: 2.00V
SS6580L: 1.30V
PHASE
1
3
4
2
VCC
SD
COMP
FB*
UGATE
GND
8
6
5
7
OCSET
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGING TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
REFERENCE VOLTAGE
DEFAULT: 2.00V
L: 1.30V
SS6580XCXXX
Example: SS6580CSTR
à 2.00V in SO-8 Package & Tape & Reel Packing Type
(CN is not available in TR packing)
n TYPICAL APPLICATION CIRCUIT
R2
2K2
C9
1nF
C7
33P
C6
1nF
R6
90.9K
R9
4K7
OCSET
1
SD
2
COMP
3
FB
4
GND
5
PHASE
6
UGATE
7
VCC
8
SS6580
M1
CEB6030L
L2
7
µH
L1
1.5
µH
D1
SB1020
+
C4
1000
µF*6
VOUT
VIN1
R1
10
C1
1
µF
VIN2
12V
R5
3.01K
R7
6.04K
R8
30.1k
R4
15K
R3
7.5K
SW0 VID0
SW1 VID1
SW2 VID2
SW3 VID3
Optional Circuit
+
C3
1000
µF*2
*C1 must be very close to VCC pin
5V
Supply DC-DC Step Down Circuit
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com