Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6620 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6620
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6620 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6620 Datasheet HTML 4Page - Silicon Standard Corp. SS6620 Datasheet HTML 5Page - Silicon Standard Corp. SS6620 Datasheet HTML 6Page - Silicon Standard Corp. SS6620 Datasheet HTML 7Page - Silicon Standard Corp. SS6620 Datasheet HTML 8Page - Silicon Standard Corp. SS6620 Datasheet HTML 9Page - Silicon Standard Corp. SS6620 Datasheet HTML 10Page - Silicon Standard Corp. SS6620 Datasheet HTML 11Page - Silicon Standard Corp. SS6620 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.SiliconStandard.com
11 of 12
SS6620/21/2
n APPLICATION EXAMPLES
DAMPING SWITCH
VIN
VOUT
SS6622
OUT
BATT
LX
GND
Q3
Q2
Q1
L1
R1
200
Ω
22
µH
VOUT
VIN
(SS6622)
R2
100K
Ω
SS6620
SS6621
SS6622
C3
C1
L
22
µH
100
µF
220
µF
0.1
µF
C2
0.1
µF
C4
R1 200
Ω ohm
LOW BATTERY
OUTPUT
R4
R3
CLSEL
(SS6622)
LX
OUT
FB
GND
REF
LBI
BATT
LBO
SHDN
Fig. 15. Simplified Damping Switch Diagram
Fig. 16 VOUT = 3.3V Application Circuit.
Fig. 17 An Adjustable Output Application Circuit
VOUT
VIN
100K
Ω
R1
200
Ω
R2
22
µH
100
µF
220
µF
0.1
µF
0.1
µF
LOW BATTERY
OUTPUT
C2
C4
C3
C1
L
(SS6622)
SS6622
SS6621
SS6620
R6
R5
R4
R3
SHDN
CLSEL
(SS6622)
LX
FB
LBO
GND
REF
LBI
BATT
OUT
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com