Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6580CSTB Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # S6580CSTB
Description  Step-Down DC/DC Controller with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

S6580CSTB Datasheet(HTML) 7 Page - Silicon Standard Corp.

  S6580CSTB Datasheet HTML 1Page - Silicon Standard Corp. S6580CSTB Datasheet HTML 2Page - Silicon Standard Corp. S6580CSTB Datasheet HTML 3Page - Silicon Standard Corp. S6580CSTB Datasheet HTML 4Page - Silicon Standard Corp. S6580CSTB Datasheet HTML 5Page - Silicon Standard Corp. S6580CSTB Datasheet HTML 6Page - Silicon Standard Corp. S6580CSTB Datasheet HTML 7Page - Silicon Standard Corp. S6580CSTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.SiliconStandard.com
7 of 8
SS6580/L
n APPLICATION CIRCUIT
SS6580L
*C1
1
µF
C7
33P
C6
1000P
C9
1000P
+
C4
1000
µF*6
+
C3
1000
µF*3
R7
13K
R5
2K
R9
4K7
R6
90.9K
R1
10
R2
2.2K
L2
7
µF
L1
1.5
µF
D1
SB1020
M1
1.5V/10A
*C1
must
be
very
close to VCC PIN
VOUT
5V
12V
OCSET
VCC
SD
COMP
FB
UGATE
PHASE
GND
*VOUT=1.3V(R5+R7)/R7
Fig. 6 DC/DC Step Down Circuit
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com