Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6633-ACSTB Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6633-ACSTB
Description  200mA Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6633-ACSTB Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6633-ACSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6633-ACSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6633-ACSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6633-ACSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6633-ACSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6633-ACSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6633-ACSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6633-ACSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6633-ACSTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.SiliconStandard.com
2 of 10
SS6633/6633A


!"
TYPICAL APPLICATION CIRCUIT 

6


µ



 



























µ

µ

Ω


!""#


"$







   

!"
ORDERING INFORMATION

+&0%=>?+
 @+A 2
4@ 4
+&0>?+
=@+2#%&5%+
#@#-22 2%=
 + 2>
5B 2@ ))
)@ ).
;@ ;.
@ 5C #42
SS6633-XCXXX
D@ SS6633-3CSTR
$
 ).!:#+6AA
+6
"&=, 6 *
  
 

 












 !""#$%&
 

 










'


!"
ABSOLUTE MAXIMUM RATINGS
#  EEEEEEEE.
!3!! EEEEE$/.°&F.°&
#!3!!  EEEEE  (;°&F';.°&

!"
TEST CIRCUIT

! &!


Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com