Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C01AS8 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X24C01AS8
Description  Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01AS8 Datasheet(HTML) 5 Page - Xicor Inc.

  X24C01AS8 Datasheet HTML 1Page - Xicor Inc. X24C01AS8 Datasheet HTML 2Page - Xicor Inc. X24C01AS8 Datasheet HTML 3Page - Xicor Inc. X24C01AS8 Datasheet HTML 4Page - Xicor Inc. X24C01AS8 Datasheet HTML 5Page - Xicor Inc. X24C01AS8 Datasheet HTML 6Page - Xicor Inc. X24C01AS8 Datasheet HTML 7Page - Xicor Inc. X24C01AS8 Datasheet HTML 8Page - Xicor Inc. X24C01AS8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
X24C01A
5
Page Write
The X24C01A is capable of an four byte page write
operation. It is initiated in the same manner as the byte
write operation, but instead of terminating the write cycle
after the first data word is transferred, the master can
transmit up to three more words. After the receipt of each
word, the X24C01A will respond with an acknowledge.
After the receipt of each word, the two low order address
bits are internally incremented by one. The high order
five bits of the address remain constant. If the master
should transmit more than four words prior to generating
the stop condition, the address counter will “roll over”
and the previously written data will be overwritten. As
with the byte write operation, all inputs are disabled until
completion of the internal write cycle. Refer to Figure 6
for the address, acknowledge and data transfer
sequence.
Acknowledge Polling
The disabling of the inputs, during the internal write
operation, can be used to take advantage of the typical
5 ms write cycle time. Once the stop condition is issued
to indicate the end of the host’s write operation the
X24C01A initiates the internal write cycle. ACK polling
can be initiated immediately. This involves issuing the
start condition followed by the slave address for a write
operation. If the X24C01A is still busy with the write
operation no ACK will be returned. If the X24C01A has
completed the write operation an ACK will be returned
and the master can then proceed with the next read or
write operation (See Flow 1).
READ OPERATIONS
Read operations are initiated in the same manner as
write operations with the exception that the R/
W bit of the
slave address is set to a one. There are three basic read
operations: current address read, random read and
sequential read.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read
operation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Flow 1. ACK Polling Sequence
3841 FHD F11
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE BYTE
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com