Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFP640 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFP640
Description  200V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP640 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFP640 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
◎ SEMIHOW REV.A0,July 2005
2
1
3
BVDSS = 200 V
RDS(on) typ = 0.145Ω
ID = 18 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 37 nC (Typ.)
Extended Safe Operating Area
Lower RDS(ON) : 0.145 Ω (Typ.) @VGS=10V
100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
TC=25℃ unless otherwise specified
TO-220
1.Gate 2. Drain 3. Source
HFP640
200V N-Channel MOSFET
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
200
V
ID
Drain Current
– Continuous (TC = 25℃)
18
A
Drain Current
– Continuous (TC = 100℃)
11.4
A
IDM
Drain Current
– Pulsed
(Note 1)
72
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
250
mJ
IAR
Avalanche Current
(Note 1)
18
A
EAR
Repetitive Avalanche Energy
(Note 1)
13.9
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25℃)
- Derate above 25℃
139
W
1.11
W/℃
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
0.9
℃/W
RθCS
Case-to-Sink
0.5
--
RθJA
Junction-to-Ambient
--
62.5
July 2005


Similar Part No. - HFP640

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFP640 HUASHAN-HFP640 Datasheet
362Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
HFP640 DOINGTER-HFP640 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HFP640G SEMIHOW-HFP640G Datasheet
185Kb / 8P
Superior Avalanche Rugged Technology
More results

Similar Description - HFP640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
200V N-Channel MOSFET
FQB10N20 FAIRCHILD-FQB10N20 Datasheet
794Kb / 9P
200V N-Channel MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
615Kb / 9P
200V N-Channel MOSFET
FQP19N20 FAIRCHILD-FQP19N20 Datasheet
705Kb / 8P
200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
200V N-Channel MOSFET
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
200V N-Channel MOSFET
IRFM220B FAIRCHILD-IRFM220B Datasheet
727Kb / 8P
200V N-Channel MOSFET
IRFP250B FAIRCHILD-IRFP250B Datasheet
669Kb / 8P
200V N-Channel MOSFET
IRFS650B FAIRCHILD-IRFS650B Datasheet
651Kb / 8P
200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com