Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFP644 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFP644
Description  250V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP644 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFP644 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP644 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP644 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP644 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP644 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP644 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP644 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP644 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
◎ SEMIHOW REV.A0,Dec 2005
2
1
3
BV
DSS = 250 V
R
DS(on) typ = 0.22 Ω
I
D = 14 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 42 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 0.22 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
TO-220
1.Gate 2. Drain 3. Source
HFP644
250V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
250
V
I
D
Drain Current
– Continuous (T
C = 25℃)
14
A
Drain Current
– Continuous (T
C = 100℃)
8.9
A
I
DM
Drain Current
– Pulsed
(Note 1)
56
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
480
mJ
I
AR
Avalanche Current
(Note 1)
14
A
E
AR
Repetitive Avalanche Energy
(Note 1)
13.9
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
139
W
1.11
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
0.9
℃/W
RθCS
Case-to-Sink
0.5
--
RθJA
Junction-to-Ambient
--
62.5
Dec 2005


Similar Part No. - HFP644

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFP640 HUASHAN-HFP640 Datasheet
362Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
200V N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
HFP640 DOINGTER-HFP640 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HFP640G SEMIHOW-HFP640G Datasheet
185Kb / 8P
Superior Avalanche Rugged Technology
More results

Similar Description - HFP644

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
250V N-Channel MOSFET
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com