Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C01AS8I Datasheet(PDF) 1 Page - Xicor Inc.

Part # X24C01AS8I
Description  Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01AS8I Datasheet(HTML) 1 Page - Xicor Inc.

  X24C01AS8I Datasheet HTML 1Page - Xicor Inc. X24C01AS8I Datasheet HTML 2Page - Xicor Inc. X24C01AS8I Datasheet HTML 3Page - Xicor Inc. X24C01AS8I Datasheet HTML 4Page - Xicor Inc. X24C01AS8I Datasheet HTML 5Page - Xicor Inc. X24C01AS8I Datasheet HTML 6Page - Xicor Inc. X24C01AS8I Datasheet HTML 7Page - Xicor Inc. X24C01AS8I Datasheet HTML 8Page - Xicor Inc. X24C01AS8I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
X24C01A
1
DESCRIPTION
The X24C01A is a CMOS 1024 bit serial E2PROM,
internally organized 128 x 8. The X24C01A features a
serial interface and software protocol allowing operation
on a simple two wire bus. Three address inputs allow up
to eight devices to share a common two wire bus.
Xicor E2PROMs are designed and tested for applica-
tions requiring extended endurance. Inherent data re-
tention is greater than 100 years. Available in an eight
pin DIP and SOIC package.
FEATURES
• 2.7V to 5.5V Power Supply
• Low Power CMOS
—Active Current Less Than 1 mA
—Standby Current Less Than 50
µA
• Internally Organized 128 x 8
• Self Timed Write Cycle
—Typical Write Cycle Time of 5 ms
• 2 Wire Serial Interface
—Bidirectional Data Transfer Protocol
• Four Byte Page Write Operation
—Minimizes Total Write Time Per Byte
• High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
• New Hardwire – Write Control Function
© Xicor, 1991 Patents Pending
Characteristics subject to change without notice
1K
X24C01A
128 x 8 Bit
Serial E2PROM
Preliminary Information
FUNCTIONAL DIAGRAM
3841 FHD F01
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE ADDRESS
REGISTER
+COMPARATOR
H.V. GENERATION
TIMING
& CONTROL
WORD
ADDRESS
COUNTER
XDEC
YDEC
DOUT
ACK
E2PROM
32x32
DATA REGISTER
START CYCLE
(8) VCC
R/W
PIN
(4) VSS
(5) SDA
(6) SCL
(3) A2
(2) A1
(1) A0
DOUT
LOAD
INC
CK
8
(7) WC
3841-1


Similar Part No. - X24C01AS8I

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C01AS8I ICMIC-X24C01AS8I Datasheet
272Kb / 13P
Serial E2PROM
X24C01AS8I-3 ICMIC-X24C01AS8I-3 Datasheet
272Kb / 13P
Serial E2PROM
X24C01AS8I-3.5 ICMIC-X24C01AS8I-3.5 Datasheet
272Kb / 13P
Serial E2PROM
X24C01AS8IG ICMIC-X24C01AS8IG Datasheet
272Kb / 13P
Serial E2PROM
X24C01AS8IG-3 ICMIC-X24C01AS8IG-3 Datasheet
272Kb / 13P
Serial E2PROM
More results

Similar Description - X24C01AS8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
Serial E2PROM
X24042 XICOR-X24042 Datasheet
62Kb / 15P
Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com