Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS2N60 Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HFS2N60
Description  600V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS2N60 Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HFS2N60 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS2N60 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS2N60 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS2N60 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS2N60 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS2N60 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS2N60 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
◎ SEMIHOW REV.A0,July 2005
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ Notes :
1. Zθ JC(t) = 5.5 ℃/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z
θ JC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
Typical Characteristics (continued)
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
T
C, Case Temperature [
℃]
t
2
t
1
P
DM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com