Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS4N60 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS4N60
Description  600V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS4N60 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS4N60 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS4N60 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS4N60 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS4N60 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS4N60 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS4N60 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS4N60 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
◎ SEMIHOW REV.A0,July 2005
V
DS, Drain-Source Voltage [V]
101
100
10-1
10-1
100
101
※ Note :
1. 250㎲ Pulse Test
2. TC=25℃
V
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
Bottem
5.0V
※ Note :
1. VDS=40V
2. 250㎲ Pulse Test
150℃
25℃
-55℃
101
100
10-1
2
4
6
8
10
V
SD, Source-Drain Voltage [V]
※ Note :
1. VGS=0V
2. 250㎲ Pulse Test
150℃
25℃
0.2
0.4
0.6
0.8
1.0
1.2
1.4
101
100
10-1
V
GS, Gate-Source Voltage [V]
I
D, Drain Current [A]
12
10
8
6
4
2
0
0
2
4
6
8
10
12
V
GS=20V
V
GS=10V
※ Note : T
J=25℃
Typical Characteristics
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
Q
G, Total Gate Charge [nC]
* Note : I
D = 4A
V
DS = 300V
V
DS = 120V
V
DS = 480V
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com