Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C04PI Datasheet(PDF) 2 Page - Xicor Inc.

Part # X24C04PI
Description  Serial E2PROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C04PI Datasheet(HTML) 2 Page - Xicor Inc.

  X24C04PI Datasheet HTML 1Page - Xicor Inc. X24C04PI Datasheet HTML 2Page - Xicor Inc. X24C04PI Datasheet HTML 3Page - Xicor Inc. X24C04PI Datasheet HTML 4Page - Xicor Inc. X24C04PI Datasheet HTML 5Page - Xicor Inc. X24C04PI Datasheet HTML 6Page - Xicor Inc. X24C04PI Datasheet HTML 7Page - Xicor Inc. X24C04PI Datasheet HTML 8Page - Xicor Inc. X24C04PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
X24C04
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and
out of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open
collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Pull-Up
Resistor selection graph at the end of this data sheet.
Address (A0)
A0 is unused by the X24C04, however, it must be tied to
VSS to insure proper device operation.
Address (A1, A2)
The Address inputs are used to set the appropriate bits
of the seven bit slave address. These inputs can be used
static or actively driven. If used statically they must be
tied to VSS or VCC as appropriate. If driven they must be
driven to VSS or to VCC.
3839 FHD F02
3839 FHD F03
PIN NAMES
Symbol
Description
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock
TEST
Hold at VSS
VSS
Ground
VCC
Supply Voltage
NC
No Connect
3839 PGM T01
SOIC
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
TEST
SCL
SDA
X24C04
DIP/SOIC
NC
A0
A1
NC
A2
VSS
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
VCC
TEST
NC
SCL
SDA
NC
X24C04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com