Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C08PI Datasheet(PDF) 2 Page - Xicor Inc.

Part # X24C08PI
Description  Serial E2PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C08PI Datasheet(HTML) 2 Page - Xicor Inc.

  X24C08PI Datasheet HTML 1Page - Xicor Inc. X24C08PI Datasheet HTML 2Page - Xicor Inc. X24C08PI Datasheet HTML 3Page - Xicor Inc. X24C08PI Datasheet HTML 4Page - Xicor Inc. X24C08PI Datasheet HTML 5Page - Xicor Inc. X24C08PI Datasheet HTML 6Page - Xicor Inc. X24C08PI Datasheet HTML 7Page - Xicor Inc. X24C08PI Datasheet HTML 8Page - Xicor Inc. X24C08PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
X24C08
2
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and
out of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open
collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Pull-Up
Resistor selection graph at the end of this data sheet.
Address (A0, A1)
A0 and A1 are unused by the X24C08; however, they
must be tied to VSS to insure proper device operation.
Address (A2)
The A2 input is used to set the appropriate bit of the
seven bit slave address. This input can be used static or
actively driven. If used statically, it must be tied to VSS or
VCC as appropriate. If actively driven, it must be driven
to VSS or to VCC.
PIN CONFIGURATION
SOIC
DIP/SOIC
3842 FHD F03
PIN NAMES
Symbol
Description
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock
TEST
Hold at VSS
VSS
Ground
VCC
Supply Voltage
NC
No Connect
3842 PGM T01
NC
A0
A1
NC
A2
VSS
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
VCC
TEST
NC
SCL
SDA
NC
X24C08
VCC
TEST
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
X24C08
3842 FHD F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com