Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C44PI Datasheet(PDF) 2 Page - Xicor Inc.

Part # X24C44PI
Description  Serial Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C44PI Datasheet(HTML) 2 Page - Xicor Inc.

  X24C44PI Datasheet HTML 1Page - Xicor Inc. X24C44PI Datasheet HTML 2Page - Xicor Inc. X24C44PI Datasheet HTML 3Page - Xicor Inc. X24C44PI Datasheet HTML 4Page - Xicor Inc. X24C44PI Datasheet HTML 5Page - Xicor Inc. X24C44PI Datasheet HTML 6Page - Xicor Inc. X24C44PI Datasheet HTML 7Page - Xicor Inc. X24C44PI Datasheet HTML 8Page - Xicor Inc. X24C44PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
X24C44
PIN CONFIGURATION
PIN DESCRIPTIONS
Chip Enable (CE)
The Chip Enable input must be HIGH to enable all read/
write operations. CE must remain HIGH following a
Read or Write command until the data transfer is com-
plete. CE LOW places the X24C44 in the low power
standby mode and resets the instruction register. There-
fore, CE must be brought LOW after the completion of an
operation in order to reset the instruction register in
preparation for the next command.
Serial Clock (SK)
The Serial Clock input is used to clock all data into and
out of the device.
Data In (DI)
Data In is the serial data input.
Data Out (DO)
Data Out is the serial data output. It is in the high
impedance state except during data output cycles in
response to a READ instruction.
STORE
STORE LOW will initiate an internal transfer of data from
RAM to the E2PROM array.
RECALL
RECALL LOW will initiate an internal transfer of data
from E2PROM to the RAM array.
PIN NAMES
Symbol
Description
CE
Chip Enable
SK
Serial Clock
DI
Serial Data In
DO
Serial Data Out
RECALL
Recall Input
STORE
Store Input
VCC
+5V
VSS
Ground
3832 PGM T01
3832 FHD F02.2
CE
SK
DI
DO
1
2
3
4
8
7
6
5
VCC
STORE
RECALL
VSS
X24C44
PDIP/CERDIP/SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com