Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS7N60 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS7N60
Description  600V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS7N60 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS7N60 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS7N60 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS7N60 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS7N60 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS7N60 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS7N60 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS7N60 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
◎ SEMIHOW REV.A0,Dec 2005
V
SD, Source-Drain Voltage [V]
※ Note :
1. VGS=0V
2. 250㎲ Pulse Test
150℃
25℃
0.2
0.4
0.6
0.8
1.0
1.2
1.4
101
100
10-1
I
D, Drain Current [A]
5
4
3
2
1
0
0
5
10
15
20
25
V
GS=20V
V
GS=10V
※ Note : T
J=25℃
※ Note :
1. VDS=40V
2. 250㎲ Pulse Test
150℃
25℃
-55℃
101
100
10-1
V
GS, Gate-Source Voltage [V]
2
4
6
8
10
Typical Characteristics
10
-1
10
0
10
1
0
300
600
900
1200
1500
1800
2100
2400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
4
8
12
16
20
24
28
32
36
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
* Note : I
D = 7.0A
Q
G, Total Gate Charge [nC]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
V
DS, Drain-Source Voltage [V]
101
100
10-1
※ Note :
1. 250㎲ Pulse Test
2. TC=25℃
V
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
Bottem
5.0V
10-1
100
101



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com