Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS7N80 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HFS7N80
Description  800V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS7N80 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HFS7N80 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS7N80 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS7N80 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS7N80 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS7N80 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS7N80 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS7N80 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
◎ SEMIHOW REV.A0,July 2005
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=22.2mH, I
AS=7.0A, VDD=50V, RG=25Ω, Starting TJ =25°C
3. I
SD≤7.0A, di/dt≤200A/μs, VDD≤BVDSS , Starting TJ =25 °C
4. Pulse Test : Pulse Width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature
Electrical Characteristics T
C=25 °C unless otherwise specified
I
S
Continuous Source-Drain Diode Forward Current
--
--
7.0
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
28
V
SD
Source-Drain Diode Forward Voltage
I
S = 7.0 A, VGS = 0 V
--
--
1.4
V
trr
Reverse Recovery Time
I
S = 7.0 A, VGS = 0 V
di
F/dt = 100 A/μs
(Note 4)
--
780
--
㎱
Qrr
Reverse Recovery Charge
--
9.0
--
μC
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250 ㎂
2.5
--
4.5
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 3.5 A
--
1.55
1.9
Ω
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 ㎂
800
--
--
V
ΔBV
DSS
/ΔT
J
Breakdown Voltage Temperature
Coefficient
I
D = 250 ㎂, Referenced to25℃
--
0.93
--
V/℃
I
DSS
Zero Gate Voltage Drain Current
V
DS = 800 V, VGS = 0 V
--
--
1
㎂
V
DS = 640 V, TC = 125℃
--
--
10
㎂
I
GSSF
Gate-Body Leakage Current,
Forward
V
GS = 30 V, VDS = 0 V
--
--
100
㎁
I
GSSR
Gate-Body Leakage Current,
Reverse
V
GS = -30 V, VDS = 0 V
--
--
-100
㎁
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1500
1950
㎊
C
oss
Output Capacitance
--
120
155
㎊
C
rss
Reverse Transfer Capacitance
--
18
24
㎊
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 400 V, ID = 7.0 A,
R
G = 25 Ω
(Note 4,5)
--
40
80
㎱
t
r
Turn-On Rise Time
--
120
240
㎱
t
d(off)
Turn-Off Delay Time
--
60
120
㎱
t
f
Turn-Off Fall Time
--
70
140
㎱
Q
g
Total Gate Charge
V
DS = 640V, ID = 7.0 A,
V
GS = 10 V
(Note 4,5)
--
35
45
nC
Q
gs
Gate-Source Charge
--
10
--
nC
Q
gd
Gate-Drain Charge
--
13
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com